Part Number Hot Search : 
A9213A 240000 T6400 381007 BFR92 XC610 MMBT3906 11N900
Product Description
Full Text Search
 

To Download R12V09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EUROLINE - DC/DC-Converter
RxxVxx-Series, 2 Watt, DIP24, 6kVDC Isolation (Dual Output) Features
6kVDC Isolation Efficiency to 80% UL 94V-0 Package Material Internal SMD Construction
MTTF up to 1.0 Million Hours BS EN 60950 Certified Fully Encapsulated UL1950 E196683 Recognised
Selection Guide 5V, 12V Input types
Part Number Nom. Input Voltage (VDC) 5 5 5 5 12 12 12 12 Output Voltage (VDC) 5 9 12 15 5 9 12 15 Output Current (mA) 200 111 83 67 200 111 83 67 Efficiency (%) 74 76 77 78 78 81 82 82 Isolation Capacitance (pF) 1.8 1.9 2.0 2.1 1.9 2.0 2.1 2.2 DIP24 Package Style
R05V05 R05V09 R05V12 R05V15 R12V05 R12V09 R12V12 R12V15
Absolute Maximum Ratings
Input Voltage VIN Short Circuit Duration 1) Internal Power Dissipation Lead Temperature 1.5 mm from Case for 10 seconds 05V types 12V types 7VDC 15VDC 1s 0.9W 300C
Electrical Specifications (measured at TA = 25C, at nominal input voltage and rated output current unless otherwise specified)
Input Voltage Range VIN (continuous operation) Output Voltage Accuracy (see tolerance envelope) Line Regulation (highVIN to low VIN) Load Regulation (10% load to rated load) (depending on the type) Output Ripple (BW=DC to 20MHz, all output types) Isolation Voltage (flash tested for 1 second) Resistance (Viso = 500VDC) Switching Frequency at Full Load (depending on the type) Package Weight Operating Temperature Range Storage Temperature Range Temperature Rise Above Ambient (all output types) MTTF 2) (depending on the type) - 0C +25C +85C 5V types 12V types 4.5VDC min. / 5.5VDC max. 10.8VDC min. / 13.2VDC max. -7.5% min. / 10% max. 1.0% typ. / 1.0% of VIN 6% min. / 12% max. 200mVp-p max. 6000VDC min. 10 G min. 35kHz max. 7.5 g 0C to +70C +50C to +130C +32C max. 89kHrs min. / 961kHrs max. 82kHrs min. / 747kHrs max. 62kHrs min. / 311kHrs max.
1). Supply voltage must be discontinued at the end of the short circuit duration 2). Calculated using MIL-HDBK-217F with nominal input voltage at full load.
EU 36
Updated: 6. Dec. 2001
www.recom-international.com
EUROLINE - DC/DC-Converter
RxxVxx-Series, 2 Watt, DIP24, Isolated (Dual Output) Typical Characteristics, Tolerance Envelope and Derating Graph
R05Vxx
100 10 0509, 0512, 0515 80 60 0505 0505
Tolerance Envelope
+10% +5% V Nom. Output Voltage 0 -5 -10 0 20 40 60 80 100 10% 50% 100% Total Output Current (%) Output Load Current (%) 0512 0515 0509
Typical Lo ad Line
Deviation from Nominal (%)
5
+2,5% - 2,5% - 7,5%
Efficiency (%)
40 20 0 20 40 60 80 100
Total Output Current (%)
R12Vxx
100 1209, 1212, 1215 10 1215 1209 0 1212 -5 1205 -10 0 20 40 60 80 100 Total Output Current (%)
Temperature Derating Graph
4.0 Output Power (Watts) 3.0 2.0 1.0 0
Safe Operating Area
Deviation from Nominal (%)
80 1205 60 40 20 0 20 40 60 80 100
5
Efficiency (%)
0
20
40
60 70
80
Total Output Current (%)
Ambient Temperature C
Package Style and Pinning (mm)
24 PIN DIP Package Style
NC NC 24 23 -V NC 0V NC +V 17 16 15 14 13 2.54 12 VIN GND 32.35 8 9 10 11 12 -V NC 0V NC +V 2.54 1.0o+0.15/-0
Recommended Footprint Details
14.90
RxxVxx RECOM ****
2.54 0.60 3.90 min. 2.16 0.500.05 15.24 0.25 16.95
11.40
www.recom-international.com
EU 37


▲Up To Search▲   

 
Price & Availability of R12V09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X